Part Number Hot Search : 
C2223 MA150 AAMUA RUE300 20200C ON0680 12816 LM317AK
Product Description
Full Text Search
 

To Download HUM2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUM2010/HUM2015/HUM2020
W ATE R TOW N DIVISI ON
PIN DIODE HIGH POWER STUD
DESCRIPTION
KEY FEATURES
W W W .Microsemi .COM
With high isolation, low loss, and low distortion characteristics, this Microsemi Power PIN diode is perfect for the high power switching applications where size and power handling capability are critical. Its advantages also include the low forward bias resistance and high zero bias impedance that are essential for low loss, high isolation and wide bandwidth performance. Hermetically sealed, SOGO passivated PIN chips with full-faced metallurgical bonds on both sides to achieve high reliability and high surge capability.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
!"High Power Stud Mount Package !"High Zero Bias Impedance !"Very Low Inductance and Capacitance !"No Internal Lead Straps !"Small Mechanical Outline
APPLICATIONS/BENEFITS APPLICATIONS/BENEFITS
* MRI Applications * High Power Antenna Switching
ABSOLUTE MAXIMUM RATINGS Maximum Reverse Voltage Average Power Dissipation @ Stud = 50C Non-Repetitive Sinusoidal Surge Current (8.3 ms) Storage Temperature Range Operating Temperature Range Thermal Resistance 1000/1500/2000 V 13 W 100 A 65C to +175C 55C to +150C 7.5C / W
Voltage Ratings [25C] Reverse Voltage Part type (VR) - Volts IR = 10A 1000V HUM2010 1500V HUM2015 2000V HUM2020
E L E C T R I C A L S P E C I F I C A T I O N S [25C] Test Diode Resistance RS Capacitance CT Reverse Current IR Carrier Lifetime Parallel Resistance RP Forward Voltage Vf 10 200 0.85 1.0 30 Min Typ 0.10 3.4 Max 0.20 4.0 10 Units pF A s K V Conditions F = 4 MHz, If =0.5 A F = 1 MHz, 100 V VR @ Rated Voltage
If =10 mA / 100 V
F = 10 MHz, 100 V
If = 0.5 A
HUM2010/15/20 HUM2010/15/20
Copyright 2000 MSC0874.PDF 2000-08-23
Microsemi
Watertown Division 580 Pleasant Street, Watertown, MA. 02172, 617-926-0404, Fax: 617-924-1235
Page 1
HUM2010/HUM2015/HUM2020
W ATE R TOW N DIVISI ON
PIN DIODE HIGH POWER STUD
W W W .Microsemi .COM
HUM2010, 15, 20
TYPICAL
101 16
HUM2010, 15, 20
TYPICAL
12
Rs @ 4 MHz (Ohms)
100
Ct @ 1 MHz (pF)
8
10-1
4
10-2 100
101 If (mA)
102
103
0 10-1
100
101
102
Vr (V)
HUM2010, 15, 20
TYPICAL
101
HUM2010, 15, 20
TYPICAL
106 1 MHz 105 104
100
10-1
Rp (KOhms)
If (A)
103 102 101 100 MHz
10-2
10-3 0.3
0.5
0.7
0.9
1.1
1.3
1.5
100 0 10 20 30 40 50 60 70 80 90 100
Vf (V)
Vr (V)
GRAPHS GRAPHS
Copyright 2000 MSC0874.PDF 2000-08-23
Microsemi
Watertown Division 580 Pleasant Street, Watertown, MA. 02172, 617-926-0404, Fax: 617-924-1235
Page 2
HUM2010/HUM2015/HUM2020
W ATE R TOW N DIVISI ON
PIN DIODE HIGH POWER STUD
W W W .Microsemi .COM
MECHANICALS MECHANICALS
Copyright 2000 MSC0874.PDF 2000-08-23
Microsemi
Watertown Division 580 Pleasant Street, Watertown, MA. 02172, 617-926-0404, Fax: 617-924-1235
Page 3
HUM2010/HUM2015/HUM2020
W ATE R TOW N DIVISI ON
PIN DIODE HIGH POWER STUD
W W W .Microsemi .COM
NOTES NOTES
Copyright 2000 MSC0874.PDF 2000-08-23
Microsemi
Watertown Division 580 Pleasant Street, Watertown, MA. 02172, 617-926-0404, Fax: 617-924-1235
Page 4


▲Up To Search▲   

 
Price & Availability of HUM2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X